Part Number Hot Search : 
P6KE300 CY7C6 PC806 STLQ50XX PITE1 05M000 681000 HCM36PT
Product Description
Full Text Search
 

To Download OCMS2X6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2P0052-37-X3 OPTICAL MOS RELAYS
This version: Jan. 1998 Previous version: May. 1997 OCMS2M6 Series M
electronic components OCMS2M6 SERIES M
General-purpose SOP Type Optical MOS Relay For AC/DC Load
GENERAL DESCRIPTION
The OCMS2M6 series is a family of optical MOS relays for AC/DC load. The input portion is an infrared light emitting diode. The output portion uses a combination of VD-MOS (Vertical Diffusion MOS) FETs and photodiode arrays. The device is encased in an extremely small 6-pin plastic SOP type package. The series reduced its area to 50% and its volume to 27% of the conventional DIP or SMDtype optical MOS relays. The series is 2.1mm thick and is ideal for modem card applications. The optical MOS relay switch may be used in applications that currently use mechanical relay switches, but offers smaller size, noise-free switching, and electronic curcuit compatibility because of its non-mechanical operation. Optical MOS relay switches also dissipate less power than equivalent bipolar devices at lower switching frequencies.
FEATURES
* * * * * * Extremely low voltage control Thickness of 2.1mm High reliability due to non-contact and optical operation No chattering or switch bounces No mechanical switching noises Small size and easy mounting (6-pin plastic SOP package)
APPLICATIONS
* * * * * * Telecommunications system (such as modem cards) Measurement equipment Home electronics Automatic meter reading equipment Other applications requiring small size or high performance Other applications requiring non-contact switches
1/7
OPTICAL MOS RELAYS
OCMS2M6 Series M
PIN CONFIGURATION
(Unit: mm)
* 6pin SOP Type 6.3 0.3 0.4 0.1 y r 2.0 0.25
6.4 0.4
q 2.54 0.1 5.08
e
4.4 0.3
0.15 +0.10 -0.05
0.12
0~10
0.5 0.2 1.0 0.25 * Mounting pad (Top view)
0.76
1.27
5.72
* Pin Connection Diagram
2.54 2.54
y
t
r
Discharge Circuit
1: Anode 2: Cathode 3: NC 4: Drain 5: Source 6: Drain
(LED) (LED) (MOS FET) (MOS FET) (MOS FET)
q
w
e
0.15 +0.2 -0.1
5.72
2/7
OPTICAL MOS RELAYS
OCMS2M6 Series M
ABSOLUTE MAXIMUM RATINGS
(Ambient temperature Ta=25C) Product Name Parameter
Input Characteristics
Derating Factor of Continuous Forward Current Symbol
Condition
Unit mA mA/C
OCMS206 OCMS216 OCMS226 OCMS236 OCMS246 50 Refer to [Derating Factor of Continuous Forward Current] of characteristics data 0.5 5 75 60 320 100 280 200 180 350 120 400 100
Continuous Forward Current IF
DIF
Pulse width 100 ms Cycle 10 ms
Peak Forward Current IFM Reverse Voltage Power Dissipation Load Voltage Load Current Derating Factor of Load Current Surge Load Current Power Dissipation Isolation Voltage Storage Temperature VR PDL VOFF ION DION ISUG PD VIO Tstg
A V mW V mA mA/C
Output Characteristics
Refer to [Derating Factor of Load Current] of characteristics data 1.0 300 325 1500 -40 to +85 -40 to +100 0.8 0.7
Pulse width 1 ms 1shot
A mW mW V(rms) C C
Total Power Dissipation Ptot Operating Temperature Topr
3/7
OPTICAL MOS RELAYS
OCMS2M6 Series M
ELECTRICAL CHARACTERISTICS
(Ambient temperature Ta=25C) Product Name Parameter
Symbol
Condition IF=10 mA VR=5 V VOFF=Rating ION=100 mA
Min. Max.
Unit V
OCMS206 OCMS216 OCMS226 OCMS236 OCMS246 1.0 1.3 10 5 0.2 1.0 2.0 3.0 2.0 3.0 4.0 4.0 7.0 10 1.0 35 25 15 1.3 0.3 1.0 0.2 1.0 12 10 7.0 17 24 10 22 33
Input Characteristics
Forward Voltage Reverse Voltage
VF IR
Max. mA
Operation Input Current *1 IFA
ION=100 mA Max. mA
Min. mA
Recovery Input Current IFR
Coupling Characteristics Output Characteristics
On-resistance
RON
Min. IF=10 mA ION=100 mA Typ. W
Time to flow current is within one second
Max.
Off-state Leakage Current*2 IOFF Output Terminal Capacitance COUT Input-to-output Capacitance CIO
VOFF=Rating Max. mA VOFF=50 V f=1 MHz
Typ. pF
Turn-on Time Turn-off Time
*3 *3
tON tOFF
f=1 MHz Typ. pF IF=10 mA Typ. Ion=100 mA ms
OCMS206 OCMS216 OCMS226 OCMS236 OCMS246
Max. Typ. Max.
Ioff=50 mA
ms
*1: Can correspond to special specification IFA<3.0 mA *2: Can correspond to special specification IOFF<1.0 nA *3: Can correspond to special specification tON / tOFF<0.5 ms
4/7
OPTICAL MOS RELAYS
OCMS2M6 Series M
TYPICAL CHARACTERISTICS
* Derating Factor of Continuous Forward Current
60
* Derating Factor of Load Current
50 -0.5 mA/C
Continuous Load Current ION (mA)
600
Continuous Forward Current IF (mA)
500 OCMS206 (-3.2 mA/C) 400 OCMS216 (-2.8 mA/C) 300 OCMS226 (-1.8 mA/C) 200 OCMS236 (-1.2 mA/C) 100 OCMS246/247 (-1.0 mA/C) 0 50 100
40
30
20
10
0 -40
0
50
100
0 -40
Temperature Ta (C)
Temperature Ta (C)
* Operation Input Current vs. Ambient Temperature
10
* Recovery Input Current vs. Ambient Temperature
10
Operation Input Current IFA (mA)
Recovery Input Current IFR (mA)
ION=100 mA
ION=100 mA
5
5
OCMS206(VOFF=60 V) OCMS216(VOFF=100 V) OCMS226(VOFF=200 V) OCMS236(VOFF=350 V) OCMS246(VOFF=400 V)
0 -40
0
50
100
0 -40
0
50
100
Temperature Ta (C)
Temperature Ta (C)
* On-resistance vs. Ambient Temperature 1
20 IF=10 mA ION=100 mA
* On-resistance vs. Ambient Temperature 2
40 IF=10 mA ION=100 mA
On-resistance RON (W)
OCMS226 10
On-resistance RON (W)
20
OCMS246
OCMS236
OCMS216
OCMS206 0 -40 0 -40
0
50
100
0
50
100
Temperature Ta (C)
Temperature Ta (C)
5/7
OPTICAL MOS RELAYS * Turn-on/Turn-off Time vs. Ambient Temperature
1
OCMS2M6 Series M * Off-state Leakage Current vs. Ambient Temperature
10
-8
Off-state Leakage Current IOFF (A)
Turn-on / Turn-off Time (ms)
ton toff 0.1
OCMS236 (VOFF=350 V) 10
-9
OCMS246 (VOFF=400 V)
OCMS226 (VOFF=200 V)
0.01
IF=10 mA ION=100 mA (OCMS206) (OCMS216) (OCMS226) ION=50 mA (OCMS236) (OCMS246)
OCMS216 (VOFF=100 V) 10
-10
OCMS206 (VOFF=60 V) 10
-11
0.001 -40
0
50
100
-40
0
50
100
Temperature Ta (C)
Temperature Ta (C)
* Output Termianl Capacitance vs. Applied Voltage
10 Ta=25C
* Continuous Forward Current vs. Turn-on/Turn-off Time
50 Ta=25C
On-resistance RON (W)
On-resistance RON (W)
40
30 OCMS246 20 OCMS236
5
OCMS216 OCMS206
10
OCMS226
0 0 10 20
0 0 10 20
Input Current IF (mA)
Input Current IF (mA)
* Output Termianl Capacitance vs. Applied Voltage
10 Ta=25C
* Continuous Forward Current vs. Turn-on/Turn-off Time
Output Terminal Capacitance Cout (pF)
1000 f=1 MHz Ta=25C
Turn-on / Turn-off Time (ms)
1
100
toff ton
0.1
10
OCMS206 OCMS216 OCMS226 OCMS236 OCMS246
0.01 0.2 1 10
1 1 10 100
Input Current IF (mA)
Applied Voltage (V)
6/7
OPTICAL MOS RELAYS * Load Cuurent vs. Voltage
500 IF=10 mA Ta=25C OCMS206 OCMS216 OCMS226 OCMS236 OCMS246 0
OCMS2M6 Series M
Load Current ION (mA)
-500 -2.5
0
2.5
Voltage (V)
* Example Circuit for Measuring Turn-on/Turn-off Time
IF IF ton toff 90%
ION
VOUT V OUT 10% RL
7/7


▲Up To Search▲   

 
Price & Availability of OCMS2X6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X